PART |
Description |
Maker |
MC10H424 MC10H424FN MC10H424L MC10H424P ON0787 |
From old datasheet system Quad TTL-to-ECL Translator with ECL Strobe
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
MC100E101 MC100E101FN MC100E101FNR2 MC10E101FN MC1 |
5V ECL Quad 4-Input OR/NOR Gate 5V ECL Quad 4々Input OR/NOR Gate
|
ONSEMI[ON Semiconductor]
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MC10H424FN MC10H424L MC10H424P MC10H42400 MC10H424 |
Quad TTL to ECL Translator with ECL Strobe
|
ON Semiconductor
|
ECLSOIC8EVB NB6L16D MC100EL01D MC100EL04D MC100EL0 |
3.3V / 5V ECL JK Flip Flop 5V ECL 2-Input XOR/XNOR 5V ECL Divide by 2 Divider Evaluation Board Manual for High Frequency SOIC 8
|
ONSEMI[ON Semiconductor]
|
MC100LVEL17DW MC100LVEL1706 MC100LVEL17DWR2 MC100L |
3.3V ECL Quad Differential Receiver
|
ONSEMI[ON Semiconductor]
|
MC100E404FNG MC100E404FNR2G MC10E404FNR2G MC10E404 |
5 V ECL Quad Differential AND/NAND
|
ONSEMI[ON Semiconductor]
|
MC100EL17-D |
5V ECL Quad Differential Receiver
|
ON Semiconductor
|
MC10EP17-D |
3.3V / 5V ECL Quad Differential Driver/Receiver
|
ON Semiconductor
|
MAX9404 MAX9401 MAX9401EGJ MAX9401EHJ MAX9404EGJ M |
Quad ECL/PECL Differential Buffers/Receivers
|
Maxim Integrated Products
|
100397 |
Quad Differential ECL/TTL Translating Transceiver with Latch
|
Fairchild Semiconductor
|
MC100EP80906 MC100EP809FAG MC100EPT2106 MC74VHCT02 |
Inverting Octal Bus Buffer; Package: SOEIAJ-20; No of Pins: 20; Container: Rail; Qty per Container: 40 AHCT/VHCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 PNP DIGITAL TRANSISTOR (BULT-IN RESISTORS) 3.3V ECL Programmable Delay Chip with FTUNE 5V ECL 8-Bit Scannable Register 3.3V ECL Phase?Frequency Detector Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal D?Type Flip?Flop with 3?State Output Octal D?Type Latch with 3?State Output 8?Bit Addressable Latch/1?of?8 Decoder CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal Bus Transceiver Quad 2?Channel Multiplexer Hex Schmitt Inverter Dual 2?to?4 Decoder/ Demultiplexer 3?to?8 Line Decoder Quad 2?Input NAND Schmitt Trigger Quad 2?Input AND Gate Hex Inverter Quad 2?Input NOR Gate 3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
|
ONSEMI[ON Semiconductor] UTC
|